Part Number Hot Search : 
WRB4805 VC7225A 31142 S2006VS3 TLV33 01580 BGE887BO WRB052
Product Description
Full Text Search
 

To Download G3207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 1.0 apr 30, 2008 tel: 886-3-5788833 http://www.gmt.com.tw 1 G3207 global mixed-mode technology inc. 0.75 spdt analog switch features ? low on-state resistance 0.75 at 4.5v vcc ? 2.25v to 5.5v power supply (v + ) ? isolation in power-down mode ? 1.65v to 1.95v logic supply (v io ) ? control inputs referenced to v io ? low charge injection ? ? ? excellent on resistance matching ? low supply current (<1 a) ? break-before-make enable circuitry ? wlcsp2x4-8 package ? com port to gnd 8kv hbm esd applications ? cell phones ? pdas ? portable instrumentation general description the G3207 is a low on-resistance, spdt (sin- gle-pole/double-throw) analog switch that operates from a 2.25v to 5.5v supply. the device offers an ex- cellent on-resistance matching, and low total har- monic distortion (thd) performance. the device is designed for fast switching speeds with the break- before-make feature to prevent signal distortion during the transferring of signal from one channel to another. these features make this device suitable for portable audio applications. the G3207 has a separate logic supply pin (v io ) that is characterized to operate from 1.65v to 1.95v. v io powers the control circuitry, which allows the G3207 to be controlled by 1.8v signals. the G3207 is available in the wlcsp2x4-8 package. ordering information order number marking temp. range package (pb free) G3207b31u 3207 -40 c to 85 c wlcsp2x4-8 note: b3: wlcsp2x4-8 1: bonding code u: tape & reel pin configuration a1 8 bump wlcsp gnd no bottom view wlcsp2x4-8 gnd com b1 b2 a2 c1 v io nc in v+ d1 d2 c2 a1 8 bump wlcsp gnd no bottom view wlcsp2x4-8 gnd com b1 b2 a2 c1 v io nc in v+ d1 d2 c2


▲Up To Search▲   

 
Price & Availability of G3207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X